PART |
Description |
Maker |
9001-100-1010 9001-100-1025 51-353-003 51-353-076 |
1 FUNCTIONS, 100 V, 0.5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 0.45 A, DATA LINE FILTER 1 FUNCTIONS, 150 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 150 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 150 V, 4 A, DATA LINE FILTER 1 FUNCTIONS, 300 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 400 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 400 V, 3 A, DATA LINE FILTER Hermetically Sealed Threaded Case Filters Hermetically Sealed Threaded Case Filters
|
SPECTRUM CONTROL INC Spectrum Microwave, Inc. Spectrum Microwave, Inc...
|
DLT431H DLT431M DLT431F DLT642N DLT431C DUT542K DL |
1 FUNCTIONS, 87 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 0.45 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 0.15 A, DATA LINE FILTER 1 FUNCTIONS, 130 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 400 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 0.3 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 530 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 530 V, 1 A, DATA LINE FILTER
|
|
NFE61PT101Z1H9L NFE61PT102E1H9L |
1 FUNCTIONS, 50 V, 2 A, DATA LINE FILTER EIA STD PACKAGE SIZE 2606 FILTER LC HIGH FREQ 1000PF 2606 1 FUNCTIONS, 50 V, 2 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd.
|
NFW31SP407X1E4L NFW31SP206X1E4L |
FILTER LC EMI 400MHZ 200MA 1206 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER FILT, FILTER EMI 200MA 3DB CUTOFF 20MHZ 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd.
|
DLW5BTN142SQ2L DLW5BTN501SQ2L DLW5BTN101SQ2L DLW5B |
CHOKE COMMON MODE 1400 OHM 2020 2 FUNCTIONS, 50 V, 1.5 A, DATA LINE FILTER 2 FUNCTIONS, 50 V, 4 A, DATA LINE FILTER EIA STD PACKAGE SIZE 2020, 4 PIN CHOKE COMMON MODE 100 OHM 2020 2 FUNCTIONS, 50 V, 6 A, DATA LINE FILTER 2 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER EIA STD PACKAGE SIZE 2020, 4 PIN CHOKE COMMON MODE 1000 OHM 2020 2 FUNCTIONS, 50 V, 2 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
NFL21SP706X1C3D NFL21SP506X1C3D NFL21SP206X1C7B |
FILTER LC HIGH FREQ 76PF 0805 1 FUNCTIONS, 16 V, 0.15 A, DATA LINE FILTER FILTER LC HIGH FREQ 84PF 0805 1 FUNCTIONS, 16 V, 0.15 A, DATA LINE FILTER 1 FUNCTIONS, 16 V, 0.1 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
DLW21SN121HQ2L DLW21SN670SQ2L DLW21SN371SQ2L DLW21 |
2 FUNCTIONS, 20 V, 0.28 A, DATA LINE FILTER EIA STD PACKAGE SIZE 0805, 4 PIN COMMON MODE CHOKE, DLW21SN670SQ2L 2 FUNCTIONS, 50 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 50 V, 0.28 A, DATA LINE FILTER EIA STD PACKAGE SIZE 0805, 4 PIN
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
MIL-PRF-28861/05-007TB MIL-PRF-28861/04-007TB MIL- |
1 FUNCTIONS, 3 A, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 0.5 A, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 70 V, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 100 V, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 200 V, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 50 V, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 0.1 A, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 0.3 A, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 1 A, DATA LINE FILTER
|
AVX, Corp. AVX CORP
|
JD3AB-P07 AVXCORP-JD3AB-P10 JD2AB-R07 JD3BB-P08 |
1 FUNCTIONS, 200 V, 1 A, DATA LINE FILTER N/A 1 FUNCTIONS, 100 V, 0.5 A, DATA LINE FILTER
|
AVX Corporation
|
IP4251CZ8-4 IP4252CZ8-4 IP4253CZ8-4 IP4254CZ8-4 IP |
Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT984-1 (HXSON12U), Reel Pack, SMD, 13" 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT985-1 (HXSON16U), Reel Pack, SMD, 13" 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT983-1 (HXSON8U), Reel Pack, SMD, 13" 4 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 4 FUNCTIONS, 5.6 V, DATA LINE FILTER
|
NXP Semiconductors N.V.
|
|